Part Number Hot Search : 
MAX6105 LM391 1KHA2SA0 EL2176CN EL2176CN ALFSN R5F2133 06033
Product Description
Full Text Search
 

To Download BR86 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BR805 THRU BR810
SINGLE-PHASE SILICON BRIDGE Reverse Voltage - 50 to 1000 Volts Forward Current - 8.0 Amperes
Features
Surge overload rating - 125 amperes peak Low forward voltage drop Mounting position: Any Small size; simple installation Silver plated copper leads Ceramic case on BR8 series
DIM ENSIONS DIM A B C E F G inches Min. 0.730 0.250 0.480 0.750 0.380 0.140 Max. 0.770 0.300 0.520 0.042 0.150 Min. 18.542 6.35 12.19 19.1 0.97 3.56 mm Max. 19.558 7.63 13.21 1.07 3.81 Note
Maximum Ratings and Electrical Characteristics
Ratings at 25 ambient temperature unless otherwise specified. For capacitive load, derate current by 20%.
Symbols
BR805
BR81
BR82
BR84
BR86
BR88
BR810
Units
Maximum repetitive peak reverse voltage Maximum RMS bridge input voltage Maximum average forward rectified output current at TC=100 TA=50 * **
VRRM VRMS I(AV) IFSM VF TA=25 TA=100 IR TJ TSTG
50 35
100 70
200 140
400 280 8.0 8.0 125.0 1.1 10.0 1.0 -55 to +125 -55 to +150
600 420
800 560
1000 700
Volts Volts Amps Amps Volts uA mA
Peak forward surge current, 8.3mS single half sine-wave superimposed on rated load Maximum forward Voltage drop per bridge element at 4.0A peak Maximum DC reverse current at rated DC blocking voltage per element Operating temperature range Storage temperature range
Notes: * Unit mounted on metal chassis ** Unit mounted on P.C. board
1
RATINGS AND CHARACTERISTIC CURVES
2


▲Up To Search▲   

 
Price & Availability of BR86

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X